Part Number Hot Search : 
K2000 HM965 133BZC RTT3TA24 MAX50 MMBT9 SERIE HD14015B
Product Description
Full Text Search
 

To Download PJL9452A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p p jl9452 a july 21 ,201 5 - rev.00 page 1 10 0 v n - c ha nnel enhancement mode mosfet voltage 10 0 v current 3.3 a sop - 8 f eatures ? r ds(on) , v gs @ 10 v , id @ 3.3 a< 115 m ? ? r ds(on) , v gs @ 4.5 v , id@ 1.5 a< 120 m ? ? advanced trench process technology ? high density cell design for ultra low on - resistance ? lead free in compliance wit h eu rohs 2011/65/eu directive . ? green molding compound as per iec61249 std. (halogen free) mechanical data ? case: sop - 8 package ? terminal s: solderable per mil - std - 750, method 2026 ? marking: l 94 52 a parameter symbol limit units drain - source voltage v ds 10 0 v gate - source voltage v gs + 2 0 v continuous drain current t a =25 o c i d 3.3 a t a = 70 o c 2.6 pulsed drain current (note 1 ) i dm 13.2 a power dissipation t a =25 o c p d 2.5 w t a = 70 o c 1. 6 single pulse avalanche energy (note 5 ) e as 3.2 mj operatin g junction an d storage temperature range t j ,t stg - 55~150 o c typical thermal resistance - j unction to ambient , t Q (note 5 ) r ja 50 o c /w maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted)
p p jl9452 a july 21 ,201 5 - rev.00 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units static drain - source breakdown voltage bv dss v gs = 0 v,i d = 25 0ua 10 0 - - v gate threshold voltage v gs(th) v ds =v gs , i d = 250 ua 1.0 1.76 2.5 v drain - source on - state resistance r ds(on) v gs = 10 v,i d = 3.3 a - 92 115 m gs = 4.5 v,i d = 1.5 a - 95 120 zero gate voltage drain current i dss v ds =10 0 v,v gs =0v - - 1.0 u a gate - source leakage current i gss v gs = + 20 v,v ds =0v - - + 100 n a dynamic (note 6 ) total gate charge q g v ds = 5 0 v, i d = 2 a, v gs = 10v (note 1,2 ) - 20 - nc gate - source charge q gs - 3.2 - gate - drain charge q gd - 3.6 - input capacitance ciss v ds = 2 5 v, v gs = 0 v, f=1.0mhz - 1413 - pf output capacitance coss - 60 - reverse transfer capacitance crss - 34 - turn - on delay time t d (on) v dd = 50 v, i d =1 a, v g s = 10v, r g = 3.3 (note 1,2 ) - 18 - ns turn - on rise time tr - 4.3 - turn - o ff delay time t d (off) - 41 - turn - o ff fall time tf - 4.2 - drain - source diode maximum continuous drain - source diode forward current i s --- - - 3.3 a diode forward voltage v sd i s = 1 . 0 a, v gs = 0 v - 0. 7 3 1. 0 v notes : 1. pulse width < 300us, duty cycle < 2% 2. essentially independent of operating temperature typical characteristics . 3. repetitive rating, pulse width limited by junction temperature tj(max)=150c. ratings are based on low frequency and duty cycles to keep initial tj=25c. 4. the maximum current rating is package limited. 5. the test condition is l=0.1mh, i as = 8 a , v dd =25v, v gs =10v 6. r ? ja is the sum of the junction - to - case and case - to - ambient thermal resistance where the case thermal reference is define d as the solder mounting surface of the drain pins. mounted on a 1 inch 2 with 2oz. square pad of copper . 7. guaranteed by design, not subject to production testing.
p p jl9452 a july 21 ,201 5 - rev.00 page 3 t ypical characteristic curves fig.1 on - region characteristics fig. 2 transfer ch aracteristics fig. 3 on - resistance vs. drain current fig. 4 on - resistance vs. junction temperature fig. 5 on - resistance variation with vgs. fig. 6 body d i ode characteristics
p p jl9452 a july 21 ,201 5 - rev.00 page 4 t ypical characteristic curves fig. 7 gate - charge charac teristics fig. 8 breakdown voltage variation vs. temperature fig. 9 threshold voltage variation with temperature . fig. 10 capacitance vs. drain - source voltage . fig. 11 maximum safe operating area
p p jl9452 a july 21 ,201 5 - rev.00 page 5 t ypical characteristic curves fig. 12 normalized transient thermal impedance vs. pulse width
p p jl9452 a july 21 ,201 5 - rev.00 page 6 p art n o packing code v ersion packaging info r mation & mounting pad layout sop - 8 dimension u nit: mm sop - 8 pad lay out u nit: mm p art n o packing c ode package type packing type marking ver sion pj l94 5 2 a _r2 _00001 sop - 8 2.5 k pcs / 13
p p jl9452 a july 21 ,201 5 - rev.00 page 7 disclaimer


▲Up To Search▲   

 
Price & Availability of PJL9452A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X